Part Number Hot Search : 
00158 1C220 ST485 C1404 MTD214 D214I P1840SA SY605
Product Description
Full Text Search
 

To Download 710-321XM03 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 710-321 Composite Split Junction Fitting
Plus ("+") Configuration
Basic Part Number
End A Fitting (See Table I)
End C Fitting (See Table I)
APPLICATION NOTES
1. 2. 3. Metric dimensions (mm) are in parentheses and are for reference only. Transitions mate to 710S269, S270 and S271 adapters. When all ends are identical, insert only one dash number. When multiple dash numbers are ordered, transition size will be determined by the largest. Adapter may be supplied on smaller entries. Letter to follow entry will be supplied with adapters.
710-321
XM
03
04
05
06
Finish Symbol (See Table II)
End B Fitting (See Table I)
End D Fitting (See Table I)
End D Shape optional .500 (12.7) Max
Adapter
RFI/EMI Tongue & Groove Joint 45 Typ.
End A B Dia Typ End C C Typ.
Adapter End B A Thread - Typ. Class 2A
Symbol XB
TABLE II
Finish Description No Plating - Black Color (Non-Conductive Finish) 2000 Hour Corrosion Resistant Electroless Nickel 2000 Hour Corrosion Resistant Ni-PTFE, NickelFluorocarbon Polymer. 1000 Hour GreyTM No Plating - Brown Color (Non-Conductive Finish) 2000 Hour Corrosion Resistant Cadmium/Olive Drab over Electroless Nickel
End No. 01 02 03 04 05 06 07
TABLE I: END ORDER NUMBER AND DIMENSIONS Weight in A Thread Pounds Max. Unified B Dia C Max .109 .750 - 20 .500 (12.7) 2.375 (60.3) .152 1.000 - 20 .750 (19.1) 2.625 (66.7) .213 1.312 - 18 1.000 (25.4) 2.875 (73.0) .254 1.500 - 18 1.250 (31.8) 3.125 (79.4) .364 2.000 - 18 1.625 (41.3) 3.500 (88.9) .041 .500 - 20 .281 (7.1) 2.125 (54.0) .057 .625 - 24 .375 (9.5) 2.250 (57.2)
XM
XMT
XO XW
(c) 2009 Glenair, Inc.
CAGE Code 06324
Printed in U.S.A.
GLENAIR, INC. * 1211 AIR WAY * GLENDALE, CA 91201-2497 * 818-247-6000 * FAX 818-500-9912 www.glenair.com E-Mail: sales@glenair.com C-19
Convoluted Tubing
A
B
C
D
E
F
G


▲Up To Search▲   

 
Price & Availability of 710-321XM03

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X